PART |
Description |
Maker |
MAX8528EUD MAX8526EUD |
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
|
Maxim Integrated Products
|
MAX8518EUBT |
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators 0.5 V-3.4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO10
|
Maxim Integrated Products, Inc.
|
MP2002 |
Low Input Voltage 500mA Linear Regulator
|
MPS
|
LTC4081 LTC4081EDD-PBF LTC4081EDD-TRPBF |
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
|
Linear Technology
|
LT3592 LT3592EDDB LT3592EDDB-PBF LT3592EDDB-TR LT3 |
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
|
Linear Technology
|
APL5546-AKAI-TRL |
Dual Channel 500mA/500mA Regulator Reset IC
|
Anpec Electronics Coropration
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
MIC47050-1.8YML MIC4705012 MIC47050-1.2YMT MIC4705 |
500mA ULDO with Low Input and Low Output Voltage
|
Micrel Semiconductor
|
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|